Part Number Hot Search : 
12332 A5201 MCM6227B BRS340 120N6 53020C 5VCTT CXA16
Product Description
Full Text Search
 

To Download NSR101M16V63X5TBSTF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  103 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors features ? low profile 5mm height ? space saving at competitive pricing nsr series characteristics precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 4 ~ 50vdc capacitance range 10 ~ 470 f operating temperature range -40 ~ +85c capacitance tolerance 20%(m) max. leakage current @ 20c after 1 min. 0.01cv or 3 a, whichever is greater max. tan @ 120hz/+20c w.v. (vdc) 4 6.3 10 16 25 35 50 s.v. (vdc) 5 8 13 20 32 44 63 tan 0.35 0.24 0.20 0.16 0.14 (8 =0.15) 0.12 0.10 low temperature stability impedance ratio @ 120hz z-25c/z+20c 7 4 3 2 2 2 2 z-40c/z+20c 15 10 8 6 4 4 4 load life test at rated w.v. +85c 1,000 hours capacitance change within 25% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value lead spacing and diameter (mm) standard product and case size table d x l (mm) cap. ( f) code working voltage (vdc) 4 6.3 10 16 25 35 50 10 100 - - - - - - 6.3x5 22 220 - --- 6.3x5 6.3x5 6.3x5 33 330 --- 6.3x5 6.3x5 6.3x5 - 47 470 -- 6.3x5 6.3x5 6.3x5 6.3x5 - 100 101 - 6.3x5 6.3x5 6.3x5 8x5 - - 220 221 6.3x5 6.3x5 6.3x5 - - - - 330 331 6.3x5 6.3x5 - - - - - 470 471 8x5 - - - - - - case dia. (d ) 6.3 8* lead dia. (d ) 0.5 0.6 lead spacing (f) 2.5 3.5 dim. 0.5 0.5 dim. 1.5 1.5 *lead spacing of 8x5mm size is 2.5mm. dimensions (mm) d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking rohs compliant includes all homogeneous materials
104 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nsr series part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ) +20c/120hz load life hours @ +85c nsr221m4v6.3x5f 220 4 0.35 82 2.60 1,000 nsr331m4v6.3x5f 330 0.35 85 1.80 1,000 nsr471m4v8x5f 470 0.35 145 1.23 1,000 nsr101m6.3v6.3x5f 100 6.3 0.24 71 4.00 1,000 nsr221m6.3v6.3x5f 220 0.24 90 1.80 1,000 nsr331m6.3v6.3x5f 330 0.24 92 1.20 1,000 nsr470m10v6.3x5f 47 10 0.20 59 7.10 1,000 nsr101m10v6.3x5f 100 0.20 76 3.30 1,000 nsr221m10v6.3x5f 220 0.20 90 1.50 1,000 nsr330m16v6.3x5f 33 16 0.16 57 8.00 1,000 nsr470m16v6.3x5f 47 0.16 68 5.60 1,000 nsr101m16v6.3x5f 100 0.16 86 2.70 1,000 nsr220m25v6.3x5f 22 25 0.14 52 10.6 1,000 nsr330m25v6.3x5f 33 0.14 63 7.00 1,000 nsr470m25v6.3x5f 47 0.14 73 4.90 1,000 nsr101m25v8x5f 100 0.15 110 2.49 1,000 nsr220m35v6.3x5f 22 35 0.12 54 9.00 1,000 nsr330m35v6.3x5f 33 0.12 68 6.00 1,000 nsr470m35v6.3x5f 47 0.12 73 4.20 1,000 nsr100m50v6.3x5f 10 50 0.10 34 16.6 1,000 nsr220m50v6.3x5f 22 0.10 54 7.50 1,000 ripple current frequency correction factor frequency (hz) 120 1k 10k 100k correction factor 6.3x5 1.00 1.15 1.20 1.25 8x5 1.00 1.13 1.15 1.20 size (d ? x l) tape and box* nsr 100 m 50v 6.3 x 5 series tb capacitance code tolerance code rated voltage rohs compliant f part number system *see taping speci? cations for details standard product, specifications and case sizes d x l (mm)
198 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors taping speci cations taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?bn? standard radial taping (5mm lead spacing, formed leads) tb case dia. (d) 10 12.5 case size all all dim. d ?.05 0.6 0.6 h ?.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p ?.0 25.4* p 0 12.7 ?.2 p 1 3.85 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 3.85 ?.5 (at end of tape) p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tb p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h
199 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com taping dimensions (mm) special straight lead taping tbst special radial taping (2.5mm lead spacing, formed leads) tbf1 case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 2.0* 2.0 2.0 2.5 2.5 3.5 p ?.0 12.7 ?.2 p 0 12.7 ?.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. miniature aluminum electrolytic capacitors taping speci cations case dia. (d) 45 case size 4x5 4x7 5x5 5x7 5x11 dim. d ?.05 0.45 0.45 0.5 h ?.75 17.5 17.5 18.5 h 0 ?.5 16.0 - - f 2.5 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 5.1 ?.5 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 t 0.7 ?.2 taping dimensions (mm) 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h 1max t h h 0
200 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial taped packaging taping speci cations ammo box (tape & box) tb, tbf1, tbst size of box and component quantity *special taping consult factory for availability ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 4x5, 4x7 2,000 331 175 43 5x5, 5x7 2,000 331 220 43 5x11 2,000 340 255 55 6.3x5, 6.3x7 2,000 331 280 43 6.3x11 2,000 331 280 48 8x11.5, 8x12.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61


▲Up To Search▲   

 
Price & Availability of NSR101M16V63X5TBSTF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X